|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www..com Sockets DIP Machined Pins 4,45 mm Higth above Board Tin Plated Sleeves LCSO, C-DOT, CACT APPROVED Centre Distance 5.08 mm (0.200") No of Pin 10 4 6 8 14 16 18 20 22 24 28 20 22 24 28 32 10 24 28 32 36 40 42 48 50 52 50 52 64 Clip -5-7 micron Tin PART NUMBER SPD-020-010-BC-11 SPD-030-004-BC-11 SPD-030-006-BC-11 SPD-030-008-BC-11 SPD-030-014-BC-11 SPD-030-016-BC-11 SPD-030-018-BC-11 SPD-030-020-BC-11 SPD-030-022-BC-11 SPD-030-024-BC-11 SPD-030-028-BC-11 SPD-040-020-BC-11 SPD-040-022-BC-11 SPD-040-024-BC-11 SPD-040-028-BC-11 SPD-040-032-BC-11 SPD-060-010-BC-11 SPD-060-024-BC-11 SPD-060-028-BC-11 SPD-060-032-BC-11 SPD-060-036-BC-11 SPD-060-040-BC-11 SPD-060-042-BC-11 SPD-060-048-BC-11 SPD-060-050-BC-11 SPD-060-052-BC-11 SPD-090-050-BC-11 SPD-090-052-BC-11 SPD-090-064-BC-11 Clip Goldflash plated PART NUMBER SPD-020-010-BC-12 SPD-030-004-BC-12 SPD-030-006-BC-12 SPD-030-008-BC-12 SPD-030-014-BC-12 SPD-030-016-BC-12 SPD-030-018-BC-12 SPD-030-020-BC-12 SPD-030-022-BC-12 SPD-030-024-BC-12 SPD-030-028-BC-12 SPD-040-020-BC-12 SPD-040-022-BC-12 SPD-040-024-BC-12 SPD-040-028-BC-12 SPD-040-032-BC-12 SPD-060-010-BC-12 SPD-060-024-BC-12 SPD-060-028-BC-12 SPD-060-032-BC-12 SPD-060-036-BC-12 SPD-060-040-BC-12 SPD-060-042-BC-12 SPD-060-048-BC-12 SPD-060-050-BC-12 SPD-060-052-BC-12 SPD-090-050-BC-12 SPD-090-052-BC-12 SPD-090-064-BC-12 Clip 0.25 micron Gold PART NUMBER SPD-030-010-BC-15 SPD-030-004-BC-15 SPD-030-006-BC-15 SPD-030-008-BC-15 SPD-030-014-BC-15 SPD-030-016-BC-15 SPD-030-018-BC-15 SPD-030-020-BC-15 SPD-030-022-BC-15 SPD-030-024-BC-15 SPD-030-028-BC-15 SPD-040-020-BC-15 SPD-040-022-BC-15 SPD-040-024-BC-15 SPD-040-028-BC-15 SPD-040-032-BC-15 SPD-060-010-BC-15 SPD-060-024-BC-15 SPD-060-028-BC-15 SPD-060-032-BC-15 SPD-060-036-BC-15 SPD-060-040-BC-15 SPD-060-042-BC-15 SPD-060-048-BC-15 SPD-060-050-BC-15 SPD-060-052-BC-15 SPD-090-050-BC-15 SPD-090-052-BC-15 SPD-090-064-BC-15 Clip 0.75 micron Gold PART NUMBER SPD-020-010-BC-18 SPD-030-004-BC-18 SPD-030-006-BC-18 SPD-030-008-BC-18 SPD-030-014-BC-18 SPD-030-016-BC-18 SPD-030-018-BC-18 SPD-030-020-BC-18 SPD-030-022-BC-18 SPD-030-024-BC-18 SPD-030-028-BC-18 SPD-040-020-BC-18 SPD-040-022-BC-18 SPD-040-024-BC-18 SPD-040-028-BC-18 SPD-040-032-BC-18 SPD-060-010-BC-18 SPD-060-024-BC-18 SPD-060-028-BC-18 SPD-060-032-BC-18 SPD-060-036-BC-18 SPD-060-040-BC-18 SPD-060-042-BC-18 SPD-060-048-BC-18 SPD-060-050-BC-18 SPD-060-052-BC-18 SPD-090-050-BC-18 SPD-090-052-BC-18 SPD-090-064-BC-18 7.62 mm (0.300") 10.16 mm (0.400") 15.24 mm (0.600") 22.86 mm (0.900") Champion Electronics Pvt.Ltd. S-17 M.I.D.C. Bhosari, Pune 411026, India Phone : + (91) - (020) - 7122264/5 Fax : + (91) - (20) - 7122267 Email : champelec@vsnl.com Selection Guide |
Price & Availability of SPD-020-XXX-BC-1X |